Part Number Hot Search : 
28F01 CA3096C 14MG02 NLX1G11 W5100 AT875 OM6005 UPD75
Product Description
Full Text Search
 

To Download CD16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
Higher dV/dt Capability and Flatter Insertion Loss
Ideal for snubber and RF applications, CDV16 mica capacitors now handle dV/ dts up to 275,000 V/s and they assure controlled, resonance-free performance through 1 GHz. CDV16/CD16 mica capacitors excel in both snubber applications and high-frequency applications like RF and CATV. Type CDV16's high pulse current capability make them ideal for pulse and snubber applications. CDV16 capacitors withstand an unlimited number of pulses with a dV/dt of 275,000 V/s. This is a 20% increase in dV/dt capability when compared to our CDV19 mica capacitors and CDV16's are smaller too. CDV16 capacitors handle higher peak currents -- up to 825 amps. They also handle high continuous RMS current at 5 MHz and up to 30 MHz. For example, a 470 pF CDV16 capacitor handles 6.2 A rms continuously at 13.56 MHz and it is 1/4 the cost of a comparable porcelain ceramic capacitor. In addition to being great for snubbers, CDV16 is a fit for your RF applications. Their compact size and closer lead spacing improves insertion loss performance -- insertion loss data is flat within 0.2 dB, typically to beyond a gigahertz.
Highlights
Capacitance Range: * Handles up to 9.0 amps rms continuous current Capacitance Tolerance: * Very low ESR from 10 to 100 MHz * Low, notch-free impedance to 1GHz * Stable: no capacitance change with (V), (t), and (f) Voltage: * Very high Q at UHF/VHF frequencies Temperature Range: * Tape and reeling available * dV/dt capability up to 275,000 V/s Typical Performance Curves * 1,500 amps peak current capability
Specifications
100 pF to 7,500 pF 5% (J) standard; 1% (F) and 2% (G) available 500 Vdc & 1,000 Vdc -55 C to +150 C
RoHS-5 Compliant Has more than 1000 ppm lead in some homogenous material but otherwise complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com
Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
Ratings
Cap. (pF) 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800* 2200 2700 3000 3300 3600 3900 4300 4700 5600 6800 7500 100 120 130 150 180 200 220 240 270 300 330 360 390 420 430 470 500 510 560 620 680 750 820 910 1000 1200 1300 1500 1800* 2000 2200 2400 2700 3000 Catalog Part Number CD16FD101J03 CD16FD121J03 CD16FD151J03 CD16FD181J03 CD16FD221J03 CD16FD271J03 CD16FD331J03 CD16FD391J03 CD16FD471J03 CD16FD561J03 CD16FD681J03 CD16FD821J03 CD16FD102J03 CD16FD122J03 CD16FD152J03 CD16FD182J03 CD16FD222J03 CD16FD272J03 CD16FD302J03 CD16FD332J03 CD16FD362J03 CD16FD392J03 CD16FD432J03 CD16FD472J03 CD16FD562J03 CD16FD682J03 CD16FD752J03 CDV16FF101J03 CDV16FF121J03 CDV16FF131J03 CDV16FF151J03 CDV16FF181J03 CDV16FF201J03 CDV16FF221J03 CDV16FF241J03 CDV16FF271J03 CDV16FF301J03 CDV16FF331J03 CDV16FF361J03 CDV16FF391J03 CDV16FF421J03 CDV16FF431J03 CDV16FF471J03 CDV16FF501J03 CDV16FF511J03 CDV16FF561J03 CDV16FF621J03 CDV16FF681J03 CDV16FF751J03 CDV16FF821J03 CDV16FF911J03 CDV16FF102J03 CDV16FF122J03 CDV16FF132J03 CDV16FF152J03 CDV16FF182J03 CDV16FF202J03 CDV16FF222J03 CDV16FF242J03 CDV16FF272J03 CDV16FF302J03 L in (mm) .43 (10.9) .43 (10.9) .43 (10.9) .43 (10.9) .43 (10.9) .45 (11.4) .45 (11.4) .45 (11.4) .45 (11.4) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .47 (11.9) .47 (11.9) .47 (11.9) .47 (11.9) .48 (12.2) .48 (12.2) .48 (12.2) .48 (12.2) .49 (12.5) .49 (12.5) .50 (12.7) .50 (12.7) .43 (10.9) .43 (10.9) .43 (10.9) .43 (10.9) .43 (10.9) .43 (10.9) .43 (10.9) .43 (10.9) .45 (11.4) .45 (11.4) .45 (11.4) .45 (11.4) .45 (11.4) .45 (11.4) .45 (11.4) .45 (11.4) .45 (11.4) .45 (11.4) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .46 (11.7) .47 .47 .47 .47 .47 .47 (11.9) (11.9) (11.9) (11.9) (11.9) (11.9) H T Ipk Max Continuous Current @ 85C, Amps in (mm) in (mm) Amps 100kHz 250 kHz 500 kHz 1MHz 2.5MHz 5MHz 500 Vdc (300 Vac) .46 (11.7) 0.15 (3.8) 20 0.019 0.047 0.09 0.19 0.47 0.78 .46 (11.7) 0.15 (3.8) 24 0.023 0.057 0.11 0.23 0.57 0.86 .46 (11.7) 0.15 (3.8) 30 0.028 0.071 0.14 0.28 0.71 0.96 .46 (11.7) 0.15 (3.8) 36 0.034 0.085 0.17 0.34 0.85 1.1 .46 (11.7) 0.15 (3.8) 44 0.041 0.10 0.21 0.41 1.0 1.2 .47 (11.9) 0.16 (4.1) 54 0.051 0.13 0.25 0.51 1.3 1.3 .47 (11.9) 0.16 (4.1) 66 0.062 0.16 0.31 0.62 1.5 1.5 .47 (11.9) 0.16 (4.1) 78 0.074 0.18 0.37 0.74 1.6 1.6 .47 (11.9) 0.16 (4.1) 94 0.089 0.22 0.44 0.89 1.8 1.8 .50 (12.7) 0.18 (4.6) 110 0.11 0.26 0.53 1.1 2.0 2.0 .50 (12.7) 0.18 (4.6) 160 0.15 0.39 0.77 1.5 2.5 2.5 .50 (12.7) 0.18 (4.6) 160 0.15 0.39 0.77 1.5 2.5 2.5 .50 (12.7) 0.18 (4.6) 200 0.19 0.47 0.94 1.9 2.7 2.7 .50 (12.7) 0.18 (4.6) 240 0.23 0.57 1.1 2.3 3.0 3.0 .50 (12.7) 0.18 (4.6) 300 0.28 0.71 1.4 2.7 3.3 3.3 .52 .52 .52 .52 .53 .53 .54 .54 .56 .56 .57 .58 (13.2) 0.25 (6.4) 360 (13.2) 0.25 (6.4) 440 (13.2) 0.25 (6.4) 540 (13.2) 0.25 (6.4) 600 (13.7) 0.28 (7.1) 600 (13.7) 0.28 (7.1) 720 (13.7) 0.28 (7.1) 780 (13.7) 0.28 (7.1) 860 (14.2) 0.31 (7.9) 940 (14.2) 0.33 (8.4) 1100 (14.7) 0.38 (9.7) 1300 (14.7) .40 (10.2) 1500 1,000 Vdc (350 Vac) .46 (11.7) .15 (3.8) 23 .46 (11.7) .15 (3.8) 27 .46 (11.7) .15 (3.8) 29 .46 (11.7) .15 (3.8) 34 .46 (11.7) .15 (3.8) 41 .46 (11.7) .15 (3.8) 45 .46 (11.7) .15 (3.8) 50 .46 (11.7) .15 (3.8) 54 .47 (11.9) .16 (4.1) 61 .47 (11.9) .16 (4.1) 68 .47 (11.9) .16 (4.1) 74 .47 (11.9) .16 (4.1) 81 .47 (11.9) .16 (4.1) 88 .47 (11.9) .16 (4.1) 95 .47 (11.9) .16 (4.1) 97 .47 (11.9) .16 (4.1) 106 .47 (11.9) .16 (4.1) 113 .47 (11.9) .16 (4.1) 115 .50 (12.7) .17 (4.4) 126 .50 (12.7) .17 (4.4) 140 .50 (12.7) .17 (4.4) 153 .50 (12.7) .17 (4.4) 169 .50 (12.7) .17 (4.4) 185 .50 (12.7) .17 (4.4) 205 .50 (12.7) .17 (4.4) 225 .50 (12.7) .17 (4.4) 270 .50 (12.7) .17 (4.4) 293 .50 (12.7) .18 (4.6) 338 .52 .52 .52 .52 .52 .52 (13.2) (13.2) (13.2) (13.2) (13.2) (13.2) .25 .25 .25 .25 .25 .25 (6.4) (6.4) (6.4) (6.4) (6.4) (6.4) 495 605 605 660 743 825 0.34 0.41 0.51 0.57 0.57 0.68 0.74 0.81 0.89 1.1 1.3 1.4 0.022 0.026 0.029 0.033 0.04 0.044 0.048 0.053 0.059 0.066 0.073 0.079 0.086 0.092 0.095 0.1 0.11 0.11 0.12 0.14 0.15 0.16 0.18 0.2 0.22 0.26 0.29 0.33 0.4 0.48 0.48 0.53 0.59 0.66 0.85 1.0 1.3 1.4 1.4 1.7 1.8 2.0 2.2 2.6 3.2 3.5 0.055 0.066 0.071 0.082 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.2 0.21 0.23 0.24 0.26 0.27 0.28 0.31 0.34 0.37 0.41 0.45 0.5 0.55 0.66 0.71 0.82 0.99 1.2 1.2 1.3 1.5 1.6 1.7 2.1 2.5 2.8 2.8 3.4 3.7 4.0 4.4 5.3 6.4 7.1 0.11 0.13 0.14 0.16 0.2 0.22 0.24 0.26 0.3 0.33 0.36 0.4 0.43 0.46 0.47 0.52 0.55 0.56 0.62 0.68 0.75 0.82 0.9 1 1.1 1.3 1.4 1.6 2 2.4 2.4 2.6 3 3.3 3.4 4.1 5.0 5.2 5.7 6.8 7.4 7.0 8.5 9.0 9.0 9.0 0.22 0.26 0.29 0.33 0.4 0.44 0.48 0.53 0.59 0.7 0.73 0.79 0.86 0.92 0.95 1 1.1 1.1 1.2 1.4 1.5 1.6 1.8 2 2.2 2.6 2.9 3.3 4 4.8 4.8 5.3 5.8 6.2 4.1 4.5 5.0 5.2 6.8 7.1 7.4 7.8 8.5 9.0 9.0 9.0 0.55 0.66 0.71 0.82 1.0 1.1 1.2 1.3 1.5 1.6 1.8 1.8 1.9 2 2.0 2.1 2.2 2.2 2.4 2.5 2.7 2.8 2.9 3.1 3.2 3.5 3.7 3.9 4.8 5.3 5.3 5.5 5.8 6.2 4.1 4.5 5.0 5.2 6.8 7.1 7.4 7.8 8.5 9.0 9.0 9.0 0.92 1 1.1 1.1 1.2 1.3 1.4 1.4 1.6 1.7 1.8 1.8 1.9 2.0 2.0 2.1 2.2 2.2 2.4 2.5 2.7 2.8 2.9 3.1 3.2 3.5 3.7 3.9 4.8 5.3 5.3 5.5 5.8 6.2
* Best RF performances is = to or < this cap rating.
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com


▲Up To Search▲   

 
Price & Availability of CD16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X